Part Number Hot Search : 
S3C80E5 AT54S BCR12 C3026 5253B 12GR5S MSMF05LC D1941
Product Description
Full Text Search
 

To Download MUR1605CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  m u r 1 6 05 c t thru m u r 1 6 2 0 c t 16 amp s up er fas t g l a ss p a s s i v a t ed r e c ti fier features maximum ratings operating j unction temperature: - 5 5 c to +1 5 0 c storage temperature: - 5 5 c to +1 5 0 c microsemi catalog number device marking maximum re current peak reverse voltage maximum rms voltage maximum dc blocking voltage m u r 1 6 05 c t m u r 16 05 c t 50 v 35 v 50 v m u r 1 6 1 0 ct m u r 1 6 1 0 ct 1 00v 70 v 1 00v electrical characteristics @ 2 5 c unless otherwise specified average forward current i f(av) 16 a t c = 1 20 c peak forward surge current i fsm 90 a 8.3ms, half sine maximum forward voltage drop per element v f maximum dc reverse current at rated dc blocking voltage i r 5 . 0u a 1 0 0 u a t j = 25 c t j = 100 c mcc         
     
 
 
                      !  " #   $
%          !   " #    50 to 2 0 0 volts t o - 22 0 a b          i n c h es m m              a . 5 6 0 . 6 2 5 14 .22 15 .88 b . 3 80 . 420 9 . 65 1 0 . 67 c . 100 . 13 5 2. 54 3. 43 d . 23 0 . 27 0 5. 84 6. 86 e . 38 0 . 42 0 9. 65 10 .6 7 f - -- . 250 - - - 6.35 g . 500 . 58 0 1 2 . 7 0 14 .7 3 h . 09 0 . 110 2. 29 2.7 9 i . 02 0 . 0 45 0. 51 1 . 1 4 j . 01 2 . 02 5 0. 30 0. 64 k . 1 3 9 . 161 3. 53 4.0 9 l . 14 0 . 190 3. 5 6 4. 83 m . 04 5 . 05 5 1. 14 1 . 40 n . 08 0 . 11 5 2. 03 2. 92 p i n 1 p i n 3 p i n 2 c a s e a b c k j i h g f e d n m l h p i n 13 2 *pulse test: pulse width 30 0 m sec, duty cycle 2 % c j 8 0 pf measured at 1.0mhz, v r =4.0v m u r 1 6 2 0 ct m u r 1 6 2 0 ct 2 00v 14 0 v 2 00v g la ss p a ss i v at ed c h i p s u p er f as t sw i t c h in g t i m e f o r h i gh t ef f i c i e n c y l o w r e ve r se l e a k a g e c u rr e n t h ig h s u r g e ca p a c i ty 1. 25 v 1 . 2 0 v maximum reverse recovery time i f =0.5a, i r =1.0a, i r r =0.25a 35 n s t r r t y pi c a l j un c tion capa c itan c e t j = 25 c i f m = 8 a i f m = 16 a www. mccsemi .com
m u r 1 6 05 c t thru m u r 1 6 20ct instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts average forward rectified current - amperes versus c ase temperature - c figure 3 forward derating curve 6 0 8 0 10 0 1 2 0 1 4 0 1 6 0 0 0 2 4 6 single phase, half wave 60hz resistive or inductive load amps c 8 1 2 1 6 instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics volts 4 6 20 10 amps .2 1.2 .4 .6 .8 1.0 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c 40 60 100 1.4 figure 2 typical reverse characteristics volts 4 0 6 0 2 0 0 1 0 0 amps 20 1 4 0 40 60 100 1 2 0 . 1 . 2 . 4 4 . 6 1 2 4 6 1 0 2 0 4 0 0 6 0 0 10 0 0 1 6 0 t j =25 c www. mccsemi .com mcc 1 100 4 0 25 50 75 8 figure 4 maximum non-repetitive forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 00 100 125 150


▲Up To Search▲   

 
Price & Availability of MUR1605CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X